Part Number Hot Search : 
PL001 HMC36309 MC145 0PFTN HCTS93MS 7F603 K1500 SD01208
Product Description
Full Text Search
 

To Download SM5817S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
SM5817S THRU SM5819S
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere
FEATURES
* High current capability * Ideal for surface mounted applications * Low leakage current for high efficiency
SM-2(DO-213AA)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant *Terminals: Solder plated solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.036 gram
.150(3.81) .130(3.33)
.022(.56) .016(.41) .068(1.77) .060(1.52)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA=90 o C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note1) Typical Junction Capacitance (Note 2) Storage Operating Temperature Range @TA = 25 o C @TA = 100 o C VRRM VRMS VDC IO IFSM VF IR R JA CJ TJ, TSTG
SM5817S 20 14 20
SM5818S 30 21 30 1.0 25
SM5819S 40 28 40
UNITS Volts Volts Volts Amps Amps
.50
.55 1.0 10 75 110 -65 to + 125
.60
Volts mAmps
0
C/ W pF
0
C
NOTES : 1. Thermal Resistance (Junction to Ambient), .24in2 (6.0mm2) copper pads to each terminal. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
RATING AND CHARACTERISTIC CURVES ( SM5817S THRU SM5819S )
DC COMPONENTS CO., LTD.
R


▲Up To Search▲   

 
Price & Availability of SM5817S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X